Part Number Hot Search : 
100M10 STV2246 ZX84C6V8 HD74S04 HSM105 A0100 18000 EPF8061S
Product Description
Full Text Search
 

To Download PC1006-822K-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pc1006 15 all specif icat ions subject t o change wit hout not ice. dcr max. ( ) idc max. (a) allied part number inductance (mh) tolerance (%) test freq. pc1006-602k-rc PC1006-822K-RC 6000 8200 10 10 1 1 14 50 0.27 0.20 allied components interna tional 714-665-1 140 www.a lli edcom pon en ts .com rohs power chip inductors revised 12/11/08 khz,1v features ? unshielded smd power inductor ? suitable for large currents ? high saturation current electrical inductance range: 6mh to 8.2mh tolerance: 20% over entire range operating temp: -40oc ~ +85oc idc: current at which inductance drops 10% of original value with a resistance to soldering heat pre-heat 150oc, 1 min. solder composition: sn/ag3.0/cu0.5 solder temp: 260oc +/- 5oc for 10 sec 1 sec. test equipment (l): hp4192a lf impedence analyzer (rdc): chen hwa 502bc (idc): hp4284a with hp42841a or physical packaging: 500 pieces per 13 inch reel. marking: eia inductance code. ? t= 40oc whichever is lower. also available in tighter tolerances chen hwa 1061 + 301a ? ideal for dc-dc converter applications test frequency: as noted dimensions: inches (mm)


▲Up To Search▲   

 
Price & Availability of PC1006-822K-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X